Part Number Hot Search : 
CD2560 PLHS501A R7NZF SC11487 DT54F 2SC40 16244 06BKC
Product Description
Full Text Search
 

To Download IRF9520NPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  
   
    

    


     
    
  
          !
" 
  
 #$
%  $
 !     !
  
        
    & !  '()  !  *
!
 %    
!
     

  $     
 !       
#   ("++,  *    
             "
    
   !   
        -,! #  !   

 ! *     ("++,
 $  !  
    
 #  
     

           

                !      
"  #
 $ %  &'(
 ) $*   + 
,
(
 & -  .  , &/ (0. &1   23   / (0     .  4# // (0. &1   23 /* 5
4(
/1 /*    *   6# &3 (
 
7!  
 ,
&2# 4 & ,
  &2# 8
(
 )9228
2(:  ;
 &
<)
;)" =8> 9?>2: 
      
 4  3 (

  @@@ ) 4  
, 5' + ,8(  @@@  *$ 4  3 (

2=  @@@        .))   .)/
0  ?  .  to-220ab    **  
        
 

   !"  #    $#
 s d g www.kersemi.com

  
  
  
  
  

,
(  ;6,'.12=
 9a
1
: @@@ @@@ 0
" & 0    ,
(  &/ 9a
1
:  @@@ @@@ # b (

   
'
" 
 & @@@ @@@           4/4(
/1 2 @@@        c 4/4(
/1 0& @@@  ) *  *d    '
"  6  2    (  
 2  & & =9  
 
2   =1%  7%  :  
  
  
  
    
,
(a5
" 
 &  @@@ @@@      d ?    ?   a5
" 
 &2#
88 (  @@@  @@@ * 48 (
   2 4   ,  ( 
,
 (6 4   ( @@@ @@@  ?         + 00
 
 &  @@@         d &  '
"  (
(  (  @@@ @@@ ,      @@@ @@@  d      @@@ @@@        + 
,
('
" %5& @@@ @@@     + 
,
(4/%5& @@@ @@@      c  
+  0& @@@ @@@ !    c  + 
,
( 0& @@@ @@@     c  + 
 9e; e: 0& @@@ @@@    ,' & )     6 1 2 @@@  @@@    4  2 @@@ ! @@@       6881 2 @@@  @@@ 4   ?  ' 2 @@@ ) @@@ 4   ?, ,' &  a "   @@@ @@@ 229 : 8
2#(5&  ( 
8 (
(   #  #(  ( @@@ ) @@@     6 #  #(  ( @@@  @@@ #'     4/ 8 #(  ( @@@ ! @@@ f;gh,' & g                  ! "# %      (  ( %    ,
( (  ( @@@ @@@     !    
,
(%5&   4# / &i#" 0 2  =1  2jb (
 2# 9,8 &:  i sd  *  )*d       !   ,  &   %2g 4   ?   9,' &:  " 0 )di  1(1( k s d g $%     "       s d g  ! www.kersemi.com

  
          !     !     "    -60 -40 -20 0 20 40 60 80 100 120 140 160 180 0.0 0.5 1.0 1.5 2.0 2.5 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d -10v -6.7a 0.1 1 10 100 4 5 6 7 8 9 10 v = 10v 20s pulse width ds -v , gate-to-source voltage (v) -i , drain-to-source current (a) gs d t = 175 c j t = 25 c j 0.1 1 10 100 0.1 1 10 100 20s pulse width t = 25 c j top bottom vgs -15v -10v -8.0v -7.0v -6.0v -5.5v -5.0v -4.5v -v , drain-to-source voltage (v) -i , drain-to-source current (a) ds d -4.5v 0.1 1 10 100 0.1 1 10 100 20s pulse width t = 150 c j top bottom vgs -15v -10v -8.0v -7.0v -6.0v -5.5v -5.0v -4.5v -v , drain-to-source voltage (v) -i , drain-to-source current (a) ds d -4.5v www.kersemi.com

 
 # $  % " &'     (  & ( 
%
 
 &         
%
 
 &    %
  
 )
* 
 & 1 10 100 0 200 400 600 800 -v , drain-to-source voltage (v) c, capacitance (pf) ds v c c c = = = = 0v, c c c f = 1mhz + c + c c shorted gs iss gs gd , ds rss gd oss ds gd c iss c oss c rss 0.1 1 10 100 0.2 0.8 1.4 2.0 2.6 -v ,source-to-drain voltage (v) -i , reverse drain current (a) sd sd v = 0 v gs t = 25 c j t = 175 c j 0.1 1 10 100 1 10 100 100 0 operation in this area limited by r ds(on) single pulse t t = 175 c = 25 c j c -v , drain-to-source voltage (v) -i , drain current (a) i , drain current (a) ds d 10us 100us 1ms 10ms 0 5 10 15 20 25 0 4 8 12 16 20 q , total gate charge (nc) -v , gate-to-source voltage (v) g gs for test circuit see figure i = d 13 -4.0 a v = -20v ds v = -50v ds v = -80v ds www.kersemi.com

  %* &    %* & + ,"
  # $  -"",   .  !/

   # $              1   !  0.1 % 4      4  l + - v ds 9 0% 1 0% v gs t d(on) t r t d(off) t f 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) 25 50 75 100 125 150 175 0.0 2.0 4.0 6.0 8.0 t , case temperature ( c) -i , drain current (a) c d www.kersemi.com

   (  &    0 (  &+ ,"
 # $  ',   - &    q g q gs q gd v g charge 1 d.u.t. v d s i d i g -3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + -  2 .,+ ,"
  2 .,  t p v (br)dss i as r g i as 0.01 ? t p d.u.t l v ds v dd driver a 15v -20v 25 50 75 100 125 150 175 0 100 200 300 400 starting t , junction temperature ( c) e , single pulse avalanche energy (mj) j as i d top bottom -1.7a -2.5a -4.0a www.kersemi.com

  
       p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop r e-applied v oltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - -    4    ? /* (

 =14  ?   (

 =1 1'(
ee ? l/ (l    3 ( %1
 
 
 ? %
", 1 (  (  ? +
    ? %
"%5& (  (     8
2  3 4/
 1
8l8
 0    %& 45 333   8
%
& (%/ ) // ( %&'''  )
 6-7)-% www.kersemi.com

 lead assignments 1 - gate 2 - drain 3 - source 4 - drain - b - 1.32 (.052) 1.22 (.048) 3x 0.55 (.022) 0.46 (.018) 2.92 (.115) 2.64 (.104) 4.69 (.185) 4.20 (.165) 3x 0.93 (.037) 0.69 (.027) 4.06 (.160) 3.55 (.140) 1.15 (.045) min 6.47 (.255) 6.10 (.240) 3.78 (.149) 3.54 (.139) - a - 10.54 (.415) 10.29 (.405) 2.87 (.113) 2.62 (.103) 15.24 (.600) 14.84 (.584) 14.09 (.555) 13.47 (.530) 3x 1.40 (.055) 1.15 (.045) 2.54 (.100) 2x 0.36 (.014) m b a m 4 1 2 3 notes: 1 dimensioning & tolerancing per ansi y14.5m, 1982. 3 outline conforms to jedec outline to-220ab. 2 controlling dimension : inch 4 heatsink & lead measurements do n ot include burrs. hexfet 1- gate 2- drain 3- source 4- drain lead assignments igbts, copac k 1- gate 2- collector 3- emitter 4- collector 

  dimensions are shown in millimeters (inches) 

  
 example: in the assembly line "c" t his is an irf1010 lot code 1789 as s e mb le d on ww 19, 1997 part numbe r as s e mb l y lot code dat e code year 7 = 1997 line c wee k 19 logo r e ct if ie r int e rnat ional note: "p" in assembly line position indicates "lead-free" www.kersemi.com


▲Up To Search▲   

 
Price & Availability of IRF9520NPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X